Part Number Hot Search : 
D431K 40019 A1221 C2050HS5 3KP12C HD74AL 0M0000 24LC41
Product Description
Full Text Search
 

To Download AN0015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15-35 15 technical notes and articles copyright 1997-2002 rf micro devices, inc. the nbb and nda-series matched amplifiers may be cascaded in a driver chain or used adjacent to other components such as mixers, oscillators, or filters. in all such in stances, it is desirable to prov ide isolation betwe en adjacent compo- nents to minimize ripple due to any impedance mismatch. "pi" and "t" network attenuators (also known as pad attenu- ators) are simple networks to insert between an amplifier chain (see figure 1) or between an amplifier and adjacent component to minimize ripple over frequency. the following example illustrates a circuit technique to analyze th e "pi" network configuration. 2-stage driver amplifier chain v d in c block rfmd nbb-300 l choke r bias v cc1 c block r 1 r 2 c block r 3 "pi" attenuator rfmd nbb-300 v d l choke r bias v cc2 c block out figure 1. two-stage driver amplifier chain using two nbb-300 amplifiers, along with a "pi" buffer network, used to minimize ripple in the amplifier chain's response. the "pi" network is symmetric and consists of two resistor values, r1 and r2. r 2 37 ? r 1 150 ? r 3 150 ? example 1. s-parameters for a 6db pi-pad attenuator. derive the four s-parameters from the 6db pi-pad attenuator shown. design of ?pi? and ?t? network atte nuators for inter-stage buffering AN0015 AN0015 design of ?pi? and ?t? network attenuators for inter-stage buffering 15
15-36 AN0015 15 technical notes and articles copyright 1997-2002 rf micro devices, inc. solution: notice the "pi" attenuator shown above is a symmetrical circuit, and therefore the knowledge learned from one port may be applied to the other port. (i) s 11 : where and is called the normalized input impedance. solving for z in : calculating in : now s 11 may be expressed in db: (matched in a 50 ? system) (ii) s 21 : where: therefore, s 21 may be expressed in dbs: r 2 37 ? r 1 150 ? r 3 150 ? z in z l 50 ? s 11 ? in z l z o 1 ? 1 + ----------- - === z in z o -------- = z in r 1 r 2 r 3 r l || () + () 49.78 ? = || = in 0.996 1 ? 0.996 1 + ---------------------- 0.00203 == s 11 20 log in () 53 db ? = = r 2 3 7 ? r 1 150 ? r 3 150 ? z in z l =z 0 z s =z 0 v l v 1 v s s 21 2 v l v s ------ - = v l v s ------ - v l v 1 ------ - v 1 v s ------ r 3 z l || r 3 z l || () r 2 + ------------------------------------ - ?? ?? ?? z in z in z s + -------------------- ?? ?? ?? 37.5 37.5 37 + ---------------------- 49.78 49.78 50 + ------------------------- 1 4 -- - = = = s 21 20 log 2 v l v s ------ - ?? ?? ?? 20 log 1 2 -- - ?? ?? 6 db ? ===
15-37 AN0015 15 technical notes and articles copyright 1997-2002 rf micro devices, inc. (iii) s 12 : from symmetry arguments: (iv) s 22 : from symmetry arguments: (matched in a 50 ? system). generally speaking the same arguments and techniques apply to a ?t? configured network. the general representation of each network is shown in figure 2. the values for a 50 ? matched ?t? attenuator network are given in table 1. the complete values for a 50 ? matched ?pi? attenuator network are given in table 2. the attenuation value (s 21 ) usually determines which ne twork is more realistic to construct. s 12 s 21 6 db ? == s 22 s 11 53 db ? == "pi" attenuator r p r s r p r s r p r s "t" attenuator figure 2. general representation of ?pi? and ?t? network with parallel (rp) and series (rs) resistors.
15-38 AN0015 15 technical notes and articles copyright 1997-2002 rf micro devices, inc. table 1. tabular summary of values for ?t? attenuator matched in a 50 ? system t pad attenuator values r s ( ? )r p ( ? )s 21 (db) r in ( ? ) 2 624.0 -0.7 50 4 310.5 -1.4 50 6 205.3 -2.1 50 8 152.3 -2.8 50 10 120.0 -3.5 50 12 98.2 -4.3 50 14 82.3 -5.0 50 16 70.1 -5.8 50 18 60.4 -6.5 50 20 52.5 -7.4 50 22 45.8 -8.2 50 24 40.1 -9.1 50 26 35.1 -10.0 50 28 30.6 -11.0 50 30 26.7 12.0 50 32 23.1 -13.2 50 34 19.8 -14.4 50 36 16.7 -15.8 50 38 13.9 -17.3 50 40 11.3 -19.1 50 42 8.8 -21.2 50 44 6.4 -23.9 50 46 4.2 -27.6 50 48 2.0 -33.8 50
15-39 AN0015 15 technical notes and articles copyright 1997-2002 rf micro devices, inc. table 2. tabular summary of series and parallel values required to construct a ?pi? attenuator matched to a 50 ? system . pi pad attenuator values r p ( ? )r s ( ? )s 21 (db) r in ( ? )r p ( ? )r s ( ? )s 21 (db) r in ( ? ) 60 272.73 -20.83 50 530 9.52 -1.64 50 70 145.83 -15.56 50 540 9.34 -1.61 50 80 102.56 -12.74 50 550 9.17 -1.58 50 90 80.36 -10.88 50 560 9.00 -1.56 50 100 66.67 -9.54 50 570 8.84 -1.53 50 110 57.29 -8.52 50 580 8.69 -1.50 50 120 50.42 -7.71 50 590 8.54 -1.48 50 130 45.14 -7.04 50 600 8.39 1.45 50 140 40.94 -6.49 50 610 8.25 -1.43 50 150 37.50 -6.02 50 620 8.12 -1.40 50 160 34.63 -5.62 50 630 7.99 -1.38 50 170 32.20 -5.26 50 640 7.86 -1.36 50 180 30.10 -4.96 50 650 7.74 -1.34 50 190 28.27 -4.68 50 660 7.62 -1.32 50 200 26.67 -4.44 50 670 7.50 -1.30 50 210 25.24 -4.22 50 680 7.39 -1.28 50 220 23.97 -4.02 50 690 7.28 -1.26 50 230 22.82 -3.84 50 700 7.18 -1.24 50 240 21.78 -3.67 50 710 7.08 -1.23 50 250 20.83 -3.52 50 720 6.98 -1.21 50 260 19.97 -3.38 50 730 6.88 -1.19 50 270 19.18 -3.25 50 740 6.79 -1.18 50 280 18.45 -3.14 50 750 6.70 -1.16 50 290 17.77 -3.03 50 760 6.61 -1.14 50 300 17.14 -2.92 50 770 6.52 -1.13 50 310 16.56 -2.83 50 780 6.44 -1.12 50 320 16.02 -2.74 50 790 6.35 -1.10 50 330 15.51 -2.65 50 800 6.27 -1.09 50 340 15.03 -2.57 50 810 6.20 -1.07 50 350 14.58 -2.50 50 820 6.12 -1.06 50 360 14.16 -2.43 50 830 6.05 -1.05 50 370 13.76 -2.36 50 840 5.97 -1.04 50 380 13.39 -2.30 50 850 5.90 -1.02 50 390 13.03 -2.24 50 860 5.83 -1.01 50 400 12.70 -2.18 50 870 5.77 -1.00 50 410 12.38 -2.13 50 880 5.70 -0.99 50 420 12.08 -2.08 50 890 5.64 -0.98 50 430 11.79 -2.03 50 900 5.57 -0.97 50 440 11.51 -1.98 50 910 5.51 -0.96 50 450 11.25 -1.94 50 920 5.45 -0.95 50 460 11.00 -1.90 50 930 5.39 -0.93 50 470 10.76 -1.86 50 940 5.33 -0.92 50 480 10.53 -1.82 50 950 5.28 -0.92 50 490 10.31 -1.78 50 960 5.22 -0.91 50 500 10.10 -1.74 50 970 5.17 -0.90 50 510 9.90 -1.71 50 980 5.12 -0.89 50 520 9.71 -1.68 50 990 5.06 -0.88 50
15-40 AN0015 15 technical notes and articles copyright 1997-2002 rf micro devices, inc.


▲Up To Search▲   

 
Price & Availability of AN0015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X